PART |
Description |
Maker |
CY7C1347F-166AC CY7C1347F-166AI CY7C1347F-166BGC C |
4-Mbit (128K x 36) Pipelined Sync SRAM
|
CYPRESS[Cypress Semiconductor]
|
CY7C1348G-133AXC CY7C1348G-133AXI CY7C1348G-166AXI |
4-Mbit (128K x 36) Pipelined DCD Sync SRAM
|
Cypress Semiconductor
|
CY7C1474V33-167BGC CY7C1470V33-250AXC CY7C1470V33- |
72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL Architecture ECONOLINE: RQS & RQD - 1kVDC Isolation- Internal SMD Construction- UL94V-0 Package Material- Toroidal Magnetics- Efficiency to 80% 72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL Architecture 4M X 18 ZBT SRAM, 3 ns, PBGA165 72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL Architecture 4M X 18 ZBT SRAM, 3.4 ns, PBGA165 72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL Architecture 1M X 72 ZBT SRAM, 3.4 ns, PBGA209 72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL Architecture 2M X 36 ZBT SRAM, 3.4 ns, PBGA165
|
Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
CY7C1350G-250BGI CY7C1350G CY7C1350G-100AXC CY7C13 |
4-Mbit (128K x 36) Pipelined SRAM with NoBL(TM) Architecture Mechanism, 2-inch wide, compact, Easy Load and platen detect Mechanism, 2-inch wide, Hi-speed, compact Easy Load Parallel Mini Interface Board with cutter controller for 6x8MCL35x Mechanism, ELM w/low profile cutter (full or partial cut) Mechanism, 2-inch wide, Hi-speed, compact, rear feed and platen detect 128K X 36 ZBT SRAM, 2.6 ns, PQFP100 Mechanism, 2-inch wide, compact Easy Load, 3V logic 128K X 36 ZBT SRAM, 2.6 ns, PBGA119 4-Mbit (128K x 36) Pipelined SRAM with NoBL Architecture 128K X 36 ZBT SRAM, 4 ns, PBGA119
|
CYPRESS[Cypress Semiconductor] Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
IDT71V3558SA133PFGI IDT71V3558SA100BGG IDT71V3558S |
3.3V 256K x 18 ZBT Synchronous PipeLined SRAM w/3.3V I/O 128K x 36/ 256K x 18 3.3V Synchronous ZBT SRAMs 3.3V I/O/ Burst Counter Pipelined Outputs 128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter Pipelined Outputs 128K X 36 ZBT SRAM, 5 ns, PQFP100 128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter Pipelined Outputs 128K X 36 ZBT SRAM, 4.2 ns, PQFP100 128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter Pipelined Outputs 128K的3656 × 18 3.3同步ZBT SRAM.3V的I / O的脉冲计数器输出流水 TV 6C 6#12 SKT WALL RECP Circular Connector; No. of Contacts:41; Series:D38999; Body Material:Metal; Connecting Termination:Crimp; Connector Shell Size:21; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:21-41
|
IDT Integrated Device Technology, Inc.
|
CY7C1340A-100AC CY7C1340A-66AI CY7C1340A |
128K x 32 Synchronous-Pipelined RAM 128K X 32 STANDARD SRAM, 7 ns, PQFP100
|
Cypress Semiconductor, Corp. CYPRESS[Cypress Semiconductor]
|
IS61VPS12836A-250TQ IS61VPS12836A-250B3 IS61VPS128 |
128K x 32, 128K x 36, 256K x 18 4 Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM
|
http:// Integrated Silicon Solu...
|
CY7C1334H-133AXC CY7C1334H-133AXI CY7C1334H-166AXC |
2-Mbit (64K x 32) Pipelined SRAM with NoBL?/a> Architecture 2-Mbit (64K x 32) Pipelined SRAM with NoBLArchitecture 2-Mbit (64K x 32) Pipelined SRAM with NoBL Architecture 2-Mbit (64K x 32) Pipelined SRAM with NoBL⑩ Architecture
|
Cypress Semiconductor Corp.
|
IS61VPS12836A IS64LPS25618A |
128K x 32 / 128K x 36- 256K x 18 4Mb SYNCHRONOUS PIPELINED / SINGLE CYCLE DESELECT STATIC RAM 128K x 32/ 128K x 36/ 256K x 18 4 Mb SYNCHRONOUS PIPELINED SINGLE CYCLE DESELECT STATIC RAM
|
Integrated Silicon Solution
|
CY7C1386F-167BGXC CY7C1386F-167BGXI CY7C1386F-200B |
18-Mbit (512K x 36/1 Mbit x 18) Pipelined DCD Sync SRAM
|
Cypress Semiconductor
|
CY7C1386D-200AXI CY7C1387F-167BGC CY7C1387F-167BGI |
18-Mbit (512K x 36/1 Mbit x 18) Pipelined DCD Sync SRAM
|
Cypress Semiconductor
|
IDT71V546S117PFI IDT71V546S117PF IDT71V546S133PF 7 |
3.3V 128K x 36 ZBT Synchronous PipeLined SRAM 128K x 36 3.3V Synchronous SRAM with ZBT Feature Burst Counter and Pipelined Outputs 128K x 36/ 3.3V Synchronous SRAM with ZBT Feature/ Burst Counter and Pipelined Outputs From old datasheet system 128K x 36, 3.3V Synchronous SRAM with ZBT Feature, Burst Counter and Pipelined Outputs
|
IDT[Integrated Device Technology]
|